PART |
Description |
Maker |
STM32F101RCT6TR STM32F101ZET6TR STM32F101ZET6XXX S |
High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces
|
STMicroelectronics
|
STM32F102X8 STM32F102XB STM32F102R8T6 STM32F102RBT |
Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
|
STMicroelectronics
|
STM32F100X4 STM32F100X6 STM32F100X8 |
Low & medium-density value line advanced ARM-based 32-bit MCU
|
ST Microelectronics
|
STM32F101RDT6XXX STM32F101ZET6TR |
High-density access line, ARM-based 32-bit MCU with 256 to 512 KB Flash, 9 timers, 1 ADC and 10 communication interfaces 32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PQFP144
|
STMicroelectronics
|
STM32F103T6T7ATR STM32F103T6H6AXXX STM32F103T4U6AT |
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
|
STMicroelectronics
|
STM32F101RG STM32F101RGT6 STM32F101RGT6TR |
Mainstream Access line, ARM Cortex-M3 MCU with 1 Mbyte Flash, 36 MHz CPU
|
ST Microelectronics
|
STM32F103X810 STM32F103V8H6TR STM32F103V8H6XXX STM |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
|
STMicroelectronics
|
STM32F102R6 STM32F102R6T6A |
Mainstream USB Access line, ARM Cortex-M3 MCU with 32 Kbytes Flash, 48 MHz CPU, USB FS
|
ST Microelectronics
|
STM32F101X608 |
Access line, advanced ARM-based 32-bit MCU with Flash memory, six 16-bit timers, ADC and seven communication interfaces
|
STMicroelectronics
|
STM32F050C4T6A STM32F050C6 STM32F050C6T6A STM32F05 |
Low- and medium-density advanced ARM?based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
|
STMicroelectronics
|
CBRHDSH1-40L |
HIGH DENSITY 1.0 AMP DUAL IN LINE LOW VF SCHOTTKY BRIDGE RECTIFIER
|
CENTRAL[Central Semiconductor Corp]
|
QL2009 QL2009-0PB256C QL2009-0PB256I QL2009-0PF144 |
3.3V and 5.0V pASIC 2 FPGA combining speed, density, low cost and flexibility. 3.3V and 5.0V pASIC? 2 FPGA Combining Speed Density Low Cost and Flexibility 3.3V and 5.0V pASICò 2 FPGA 3.3V and 5.0V pASIC? 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed/ Density/ Low Cost and Flexibility 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility(高速,高可用密度,低成本、可适应性强.3V.0V pASIC 2系列场可编程逻辑器件) PT 6C 6#20 PIN RECP PT 8C 8#20 PIN RECP 3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility 3.3V.0V帕希奇? 2 FPGA的结合速度,密度,低成本和灵活
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. QuickLogic Corp.
|